Electronic Components Datasheet Search
  English  ▼

X  

HT17-075 Datasheet(PDF) 7 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  Si 2035 Programmable Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 7 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 3Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 4Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 5Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 6Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 7Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 8Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Si2035 Programmable Stepper Drive
NEMA 23 Motor Data
NEMA 23 Motor Dimensions
Model
L
HT23-394
1.54”
Torque Curves
Si 2035 with NEMA 23 Step Motors
5
3
0
2
i
S
R
O
F
S
R
O
T
O
M
D
E
D
N
E
M
M
O
C
E
R
o
N
t
r
a
p
r
o
t
o
M4
9
3
-
3
2
T
H
t
n
e
r
r
u
C
r
o
t
o
M
A
3
8
.
2
e
u
q
r
o
T
g
n
i
d
l
o
Hn
i-
z
o7
7
e
c
n
a
t
s
i
s
e
R
s
m
h
o
7
.
0
a
it
r
e
n
I
r
o
t
o
Rn
i-
z
o
2
6
6
.
0
s
g
n
ir
a
e
B
d
a
o
L
t
s
u
r
h
T
d
a
o
L
l
a
i
d
a
R
y
a
l
P
l
a
i
d
a
R
s
b
l/
n
i
5
2
5
1
x
a
m
1
0
.
0
b
l
1
@
y
a
l
P
d
n
E
x
a
m
3
0
0
.
0
b
l
2
.
2
@
t
h
g
i
e
W
s
b
l
0
0
.
1
s
g
n
it
a
r
e
u
q
r
o
t
d
n
a
e
c
n
a
t
s
i
s
e
r
,t
n
e
r
r
u
c
r
o
t
o
M
.
n
o
it
c
e
n
n
o
c
l
e
ll
a
r
r
a
p
h
ti
w
e
r
a
HT23-394 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Step • 2.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
10
20
30
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com