Electronic Components Datasheet Search
  English  ▼

X  

2201769 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201769
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201769 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201769 Datasheet HTML 1Page - PHOENIX CONTACT 2201769 Datasheet HTML 2Page - PHOENIX CONTACT 2201769 Datasheet HTML 3Page - PHOENIX CONTACT 2201769 Datasheet HTML 4Page - PHOENIX CONTACT 2201769 Datasheet HTML 5Page - PHOENIX CONTACT 2201769 Datasheet HTML 6Page - PHOENIX CONTACT 2201769 Datasheet HTML 7Page - PHOENIX CONTACT 2201769 Datasheet HTML 8Page - PHOENIX CONTACT 2201769 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© PHOENIX CONTACT 2015-03-05
106461_en_00
Series EH...F electronics housings
Data sheet
1
Description
The series EH...F electronics housings consist of a lower
housing part that can be combined with three different hous-
ing covers. The housing is available in seven overall widths.
The housing covers are snapped onto the lower housing
part. They are available with connection technology open-
ings either on one side or on both sides. Closed housing
covers are also available. They can be provided with cus-
tomer-specific openings.
Figure 1
Housing covers and lower housing part
The receptacle housing version ensures shock and contam-
ination-proof accommodation of electronic components.
Different connection technologies for the PCBs can be inte-
grated in the housing. The PCBs can be mounted horizon-
tally. They also have a large assembly area.
The housings can be snapped onto symmetrical DIN rails
according to EN 60715. Wall mounting is also possible.
The housings are available in material version ABS. This
type is approved for flammability rating HB according to UL
94.
The housing covers are provided with integrated labeling
fields for device marking.
The 3D housing data can be found at phoenixcontact.net/products.
Make sure you always use the latest documentation.
It can be downloaded at phoenixcontact.net/products.
This data sheet is valid for all products listed from page 3.
Series EH...F electronics housings for universal use,
flat design


Similar Part No. - 2201769

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201760 PHOENIX-2201760 Datasheet
52Kb / 2P
Item is from the UM-ALU product range
More results

Similar Description - 2201769

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1073420000 WEIDMULLER-1073420000 Datasheet
81Kb / 2P
Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 22.5 mm
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
Universal electronics housings
2017-08-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com