Electronic Components Datasheet Search
  English  ▼

X  

2201817 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2201817
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201817 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2201817 Datasheet HTML 9Page - PHOENIX CONTACT 2201817 Datasheet HTML 10Page - PHOENIX CONTACT 2201817 Datasheet HTML 11Page - PHOENIX CONTACT 2201817 Datasheet HTML 12Page - PHOENIX CONTACT 2201817 Datasheet HTML 13Page - PHOENIX CONTACT 2201817 Datasheet HTML 14Page - PHOENIX CONTACT 2201817 Datasheet HTML 15Page - PHOENIX CONTACT 2201817 Datasheet HTML 16Page - PHOENIX CONTACT 2201817 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
13 / 21
8.1
PCB terminal block base, soldered, pitch 5.08
for PCB L2
Assembly: soldering
Figure 12
PCB terminal block base (example, 1712708)
Figure 13
Dimensions of MKDS 3/...-5,08
Figure 14
Drilling diagram of MKDS 3/...-5,08
MKDS 3/...-5,08
5,08
2,54
a
a+5,08
5,3
11,2
a
1,3
5,08
2,54
Dimensions
Length
11.2 mm
Height
18 mm
Pitch
5.08 mm
Pin dimensions
0.9 mm x 0.9 mm
Hole diameter
1.3 mm
Product
Dimension a
No. of
pos.
MKDS 3/ 4-5,08
1712805
15.24 mm
4
MKDS 3/ 4-5,08 BK 1729069
15.24 mm
4
MKDS 3/ 6-5,08
1701144
25.40 mm
6
MKDS 3/ 8-5,08
1712708
35.56 mm
8
MKDS 3/ 8-5,08 BK 1871762
35.56 mm
8
MKDS 3/ 9-5,08
1707331
40.64 mm
9
MKDS 3/ 12-5,08
1714308
55.88 mm
12
Technical data
Insulation material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
400 V
Rated voltage (II/2)
630 V
Connection acc. to standard
EN-VDE
Nominal current I
N
24 A
Nominal cross section
2.5 mm²
Maximum load current, with a
4 mm² conductor cross section
28 A
Insulation material
PA
Flammability rating according to
UL 94
V0
Solder pin surface
Sn
Internal cylindrical gauge
A3
Stripping length
8 mm
Screw thread
M3
Tightening torque
0.5 Nm ... 0.6 Nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com