Electronic Components Datasheet Search
  English  ▼

X  

2201097 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 2201097
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201097 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 2201097 Datasheet HTML 13Page - PHOENIX CONTACT 2201097 Datasheet HTML 14Page - PHOENIX CONTACT 2201097 Datasheet HTML 15Page - PHOENIX CONTACT 2201097 Datasheet HTML 16Page - PHOENIX CONTACT 2201097 Datasheet HTML 17Page - PHOENIX CONTACT 2201097 Datasheet HTML 18Page - PHOENIX CONTACT 2201097 Datasheet HTML 19Page - PHOENIX CONTACT 2201097 Datasheet HTML 20Page - PHOENIX CONTACT 2201097 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Series EH...F electronics housings
106461_en_00
21 / 21
PHOENIX CONTACT GmbH & Co. KG • Flachsmarktstraße 8 • 32825 Blomberg • Germany
phoenixcontact.com
9.4
Mounting the filler plugs
Figure 35
Mounting the filler plugs
Accessories
Description
Type
Order No.
Pcs. / Pkt.
Filler plug for unoccupied terminal points, width 22.5 mm
Suitable for EH 45 F, EH 67,5 F and EH 90 F
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 22,5 F-FP/ABS GY7035
EH 22,5 F-FP/ABS BK9005
2201843
2201842
50
50
Filler plug for unoccupied terminal points, width 17.5 mm
Suitable for EH 35 F, EH 52,5 F and EH 70 F
Color: light gray, similar to RAL 7035
Color: black, similar to RAL 9005
EH 17,5 F-FP/ABS GY7035
EH 17,5 F-FP/ABS BK9005
2201840
2201841
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com