Electronic Components Datasheet Search
  English  ▼

X  

MA2Z366 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2Z366
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Z366 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2Z366 Datasheet HTML 1Page - Panasonic Semiconductor MA2Z366 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Variable Capacitance Diodes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 30 V
10
nA
Diode capacitance
CD(2V)
VR = 2 V, f = 1 MHz
27.13
32.15
pF
CD(25V)
VR = 25 V, f = 1 MHz
2.60
3.15
pF
CD(10V)
VR = 10 V, f = 1 MHz
7.05
9.97
pF
CD(17V)
VR = 17 V, f = 1 MHz
3.48
4.74
pF
Capacitance ratio
CD(2V)/CD(25V)
10
Diode capacitance deviation
∆C
CD(2V)(10V)(17V)(25V)
2.5
%
Series resistance*
rD
CD = 9 pF, f = 470 MHz
0.63
Ω
I Electrical Characteristics T
a = 25
°C
Note) 1
.Rated input/output frequency: 470 MHz
 
2
.*: rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
MA2Z366
Silicon epitaxial planar type
For CATV tuner
I Features
• Large capacitance ratio
• Small series resistance r
D, resulting in obtaining high perfor-
mance index, Q of a circuit
• S-mini type package, allowing downsizing of equipment and
automatic insertion through the taping package
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
34
V
Peak reverse voltage*
VRM
35
V
Forward current (DC)
IF
20
mA
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 6H
1 : Anode
2 : Cathode
S-Mini Type Package (2-pin)
2.5
± 0.2
1.7
± 0.1
0.4
± 0.15
12
0.4
± 0.15
INDICATES
CATHODE
Note) * : RL = 10 k
Ω


Similar Part No. - MA2Z366

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Z360 PANASONIC-MA2Z360 Datasheet
44Kb / 3P
Silicon epitaxial planar type
MA2Z362 PANASONIC-MA2Z362 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z368 PANASONIC-MA2Z368 Datasheet
39Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - MA2Z366

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com