Electronic Components Datasheet Search
  English  ▼

X  

191007 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 191007
Description  Vacuum cup without connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

191007 Datasheet(HTML) 1 Page - Festo Corporation.

  191007 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum cup without connector
ESV-100-SN
Part number: 191007
Data sheet
Feature
Value
Min. workpiece radius
460 mm
Suction cup diameter
100 mm
Suction cup volume
29.779 cm³
Connection position
Top
Mounting position
Any
Symbol
00991485
Suction cup shape
Round, flat
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
For use in the food industry
See supplementary material information
Ambient temperature
-10 °C ... 70 °C
Holding force at nominal operating pressure
503.6 N
Product weight
59 g
Color
Black
Shore hardness
60 +/- 5
Note on materials
Free of copper and PTFE
RoHS-compliant
Suction cup material
NBR
6/19/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 191007

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1910070000 WEIDMULLER-1910070000 Datasheet
402Kb / 8P
KLIPPON K41 RAL7001
logo
PHOENIX CONTACT
1910076 PHOENIX-1910076 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1910076 PHOENIX-1910076 Datasheet
180Kb / 5P
MDSTB 2,5/ 6-G1
1910076 PHOENIX-1910076 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
logo
National Instruments Co...
191007A-01 NI-191007A-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
More results

Similar Description - 191007

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
190986 FESTO-190986 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
190998 FESTO-190998 Datasheet
77Kb / 1P
Vacuum cup without connector
6/19/22
191012 FESTO-191012 Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
191016 FESTO-191016 Datasheet
85Kb / 1P
Vacuum cup without connector
6/19/22
191017 FESTO-191017 Datasheet
84Kb / 1P
Vacuum cup without connector
6/19/22
191027 FESTO-191027 Datasheet
98Kb / 1P
Vacuum cup without connector
6/19/22
191036 FESTO-191036 Datasheet
80Kb / 1P
Vacuum cup without connector
6/19/22
191044 FESTO-191044 Datasheet
86Kb / 1P
Vacuum cup without connector
6/19/22
191045 FESTO-191045 Datasheet
74Kb / 1P
Vacuum cup without connector
6/19/22
191049 FESTO-191049 Datasheet
73Kb / 1P
Vacuum cup without connector
6/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com