Electronic Components Datasheet Search
  English  ▼

X  

BYT53F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT53F
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT53F Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT53F Datasheet HTML 1Page - Vishay Siliconix BYT53F Datasheet HTML 2Page - Vishay Siliconix BYT53F Datasheet HTML 3Page - Vishay Siliconix BYT53F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYT53A, BYT53B, BYT53C, BYT53D, BYT53F, BYT53G
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 20-Feb-18
2
Document Number: 86030
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Max. Thermal Resistance vs. Lead Length
Fig. 2 - Max. Forward Current vs. Forward Voltage
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak reverse
voltage
See electrical characteristics
BYT53A
VR = VRRM
50
V
BYT53B
VR = VRRM
100
V
BYT53C
VR = VRRM
150
V
BYT53D
VR = VRRM
200
V
BYT53F
VR = VRRM
300
V
BYT53G
VR = VRRM
400
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Average forward current
l = 10 mm, TL = 25 °C
IF(AV)
1.9
A
Non repetitive reverse avalanche energy
I(BR)R = 1 A
ER
20
mJ
Junction and storage temperature range
Tj = Tstg
-55 to +175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 A
VF
--
1.1
V
IF = 1 A, Tj = 175 °C
VF
--
0.9
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 150 °C
IR
-
-
200
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
-
-
50
ns
0
20
40
80
60
100
120
15
10
5
0
202530
l - Lead Length (mm)
949552
ll
T
L = constant
0.001
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
VF - Forward Voltage (V)
16333
T
j = 175 °C
T
j = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com