Electronic Components Datasheet Search
  English  ▼

X  

BYT77 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYT77
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT77 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYT77 Datasheet HTML 1Page - Vishay Siliconix BYT77 Datasheet HTML 2Page - Vishay Siliconix BYT77 Datasheet HTML 3Page - Vishay Siliconix BYT77 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYT77, BYT78
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
1
Document Number: 86034
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Avalanche Sinterglass Diode
DESIGN SUPPORT TOOLS
MECHANICAL DATA
Case: SOD-64
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 858 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Controlled avalanche characteristics
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Fast “soft recovery” rectification diode
949588
click logo to get started
Available
Models
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BYT78
BYT78-TR
2500 per 10" tape and reel
12 500
BYT78
BYT78-TAP
2500 per ammopack
12 500
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYT77
VR = 800 V; IF(AV) = 3 A
SOD-64
BYT78
VR = 1000 V; IF(AV) = 3 A
SOD-64
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak reverse
voltage
See electrical characteristics
BYT77
VR = VRRM
800
V
BYT78
VR = VRRM
1000
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
100
A
Average forward current
Tamb 45 °C
IF(AV)
3A
Non repetitive reverse avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
Junction and storage temperature range
Tj = Tstg
-55 to +175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
On PC board with spacing 25 mm
RthJA
70
K/W


Similar Part No. - BYT77

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
07-Dec-99
BYT77 VISHAY-BYT77 Datasheet
104Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
logo
Shenzhen Luguang Electr...
BYT77 LUGUANG-BYT77 Datasheet
173Kb / 2P
Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYT77 DSK-BYT77 Datasheet
284Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT77 VISHAY-BYT77_10 Datasheet
104Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results

Similar Description - BYT77

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
Fast Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com