Electronic Components Datasheet Search
  English  ▼

X  

CGP30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CGP30
Description  Clamper/Damper Glass Passivated Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CGP30 Datasheet(HTML) 2 Page - Vishay Siliconix

  CGP30 Datasheet HTML 1Page - Vishay Siliconix CGP30 Datasheet HTML 2Page - Vishay Siliconix CGP30 Datasheet HTML 3Page - Vishay Siliconix CGP30 Datasheet HTML 4Page - Vishay Siliconix CGP30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CGP30, DGP30
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 06-Oct-2021
2
Document Number: 88569
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, with leads attached to heat sink
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
CGP30
DGP30
UNIT
Maximum instantaneous
forward voltage
IF = 3.0 A
VF (1)
1.2
V
Maximum reverse current
Rated VR
TA = 25 °C
IR
5.0
μA
TA = 100 °C
100
Maximum reverse recovery time
IF = 0.5 A, IR = 50 mA
trr
15
20
μs
Reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
Typical
trr
1.0
μs
Maximum
2.0
Typical junction capacitance
4.0 V, 1 MHz
CJ
40
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CGP30
DGP30
UNIT
Typical thermal resistance
RθJA
(1)
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
CGP30-E3/54
1.28
54
1400
13" diameter paper tape and reel
CGP30-E3/73
1.28
73
1000
Ammo pack packaging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com