Electronic Components Datasheet Search
  English  ▼

X  

DGP30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DGP30
Description  Clamper/Damper Glass Passivated Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DGP30 Datasheet(HTML) 1 Page - Vishay Siliconix

  DGP30 Datasheet HTML 1Page - Vishay Siliconix DGP30 Datasheet HTML 2Page - Vishay Siliconix DGP30 Datasheet HTML 3Page - Vishay Siliconix DGP30 Datasheet HTML 4Page - Vishay Siliconix DGP30 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CGP30, DGP30
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 06-Oct-2021
1
Document Number: 88569
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Clamper/Damper Glass Passivated Plastic Rectifier
FEATURES
• Superectifier structure
• Cavity-free glass passivated junction
• Low forward voltage drop
• Typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high voltage rectification of power supplies,
inverters, converters and freewheeling diodes specially
designed
for
clamping
circuits,
horizontal
deflection
systems, and damper applications.
MECHANICAL DATA
Case: DO-201AD, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
1400 V, 1500 V
IFSM
100 A
IR
5.0 μA
VF
1.2 V
TJ max.
175 °C
Package
DO-201AD
Circuit configuration
Single
DO-201AD
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
CGP30
DGP30
UNIT
Maximum repetitive peak reverse voltage
VRRM
1400
1500
V
Maximum RMS voltage
VRMS
980
1050
V
Maximum DC blocking voltage
VDC
1400
1500
V
Maximum average forward rectified current
0.375" (9.5 mm) lead lengths at TA = 50 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
Maximum full load reverse current, full cycle average
0.375" (9.5 mm) lead length at TA = 70 °C
IR(AV)
200
μA
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C


Similar Part No. - DGP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP30 VISHAY-DGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
DGP30 VISHAY-DGP30 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
logo
Power-One
DGP30E48S12 POWER-ONE-DGP30E48S12 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S15 POWER-ONE-DGP30E48S15 Datasheet
888Kb / 4P
SINGLE OUTPUT
DGP30E48S5 POWER-ONE-DGP30E48S5 Datasheet
888Kb / 4P
SINGLE OUTPUT
More results

Similar Description - DGP30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
CG3 GE-CG3 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com