Electronic Components Datasheet Search
  English  ▼

X  

ES1B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES1B
Description  Surface-Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1B Datasheet(HTML) 2 Page - Vishay Siliconix

  ES1B Datasheet HTML 1Page - Vishay Siliconix ES1B Datasheet HTML 2Page - Vishay Siliconix ES1B Datasheet HTML 3Page - Vishay Siliconix ES1B Datasheet HTML 4Page - Vishay Siliconix ES1B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES1A, ES1B, ES1C, ES1D
www.vishay.com
Vishay General Semiconductor
Revision: 01-Apr-2020
2
Document Number: 88586
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB 5.0 mm x 5.0 mm (0.013 mm thick) land areas
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
IF = 0.6 A
VF (1)
0.865
V
IF = 1.0 A
VF
0.920
Maximum DC reverse current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
100
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, lrr = 0.25 A
trr
15
ns
Maximum reverse recovery time
IF = 0.6 A, VR = 30 V, dI/dt = 50 A/μs,
Irr = 10 % IRM
TJ = 25 °C
trr
25
ns
TJ = 100 °C
35
Maximum stored charge
IF = 0.6 A, VR = 30 V, dI/dt = 50 A/μs,
Irr = 10 % IRM
TJ = 25 °C
Qrr
10
nC
TJ = 100 °C
25
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1A
ES1B
ES1C
ES1D
UNIT
Typical thermal resistance
RθJA
(1)
85
°C/W
RθJL
(1)
35
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES1D-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
ES1D-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
ES1DHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
ES1DHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
ES1D-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
ES1D-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
ES1DHM3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
ES1DHM3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com