Electronic Components Datasheet Search
  English  ▼

X  

ES1PB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ES1PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PB Datasheet(HTML) 3 Page - Vishay Siliconix

  ES1PB Datasheet HTML 1Page - Vishay Siliconix ES1PB Datasheet HTML 2Page - Vishay Siliconix ES1PB Datasheet HTML 3Page - Vishay Siliconix ES1PB Datasheet HTML 4Page - Vishay Siliconix ES1PB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES1PB, ES1PC, ES1PD
www.vishay.com
Vishay General Semiconductor
Revision: 08-Mar-2022
3
Document Number: 88918
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
0
1.2
80
90
100
110
120
130
140
150
0.8
1.0
0.2
0.4
0.6
Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
1
10
100
10
20
30
0
5
15
25
Number of Cycles at 50 Hz
10
100
1000
10000
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Axis Title
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = -40 °C
T
J = 25 °C
T
J = 150 °C
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
10 000
10
20
30
40
50
60
70
80
90
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = -40 °C
T
J = 25 °C
Reverse Voltage (V)
0.1
10
1
100
1
100
10
0.01
10
1
100
1
10
100
0.1
1000
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com