Electronic Components Datasheet Search
  English  ▼

X  

ESH2B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ESH2B
Description  Surface-Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH2B Datasheet(HTML) 2 Page - Vishay Siliconix

  ESH2B Datasheet HTML 1Page - Vishay Siliconix ESH2B Datasheet HTML 2Page - Vishay Siliconix ESH2B Datasheet HTML 3Page - Vishay Siliconix ESH2B Datasheet HTML 4Page - Vishay Siliconix ESH2B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESH2B, ESH2C, ESH2D
www.vishay.com
Vishay General Semiconductor
Revision: 13-May-2020
2
Document Number: 84649
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB with 8.0 mm x 8.0 mm land areas
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
IF = 2 A
VF (1)
0.93
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
2.0
µA
TA = 125 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical reverse recovery time
IF = 2 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
35
ns
TJ = 100 °C
55
Typical stored charge
IF = 2 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
20
nC
TJ = 100 °C
35
Typical junction capacitance
4.0 V, 1 MHz
CJ
30
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH2B
ESH2C
ESH2D
UNIT
Typical thermal resistance
RJA (1)
65
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ESH2D-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
ESH2D-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
ESH2DHE3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
ESH2DHE3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com