Electronic Components Datasheet Search
  English  ▼

X  

GI821 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GI821
Description  Fast Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI821 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI821 Datasheet HTML 1Page - Vishay Siliconix GI821 Datasheet HTML 2Page - Vishay Siliconix GI821 Datasheet HTML 3Page - Vishay Siliconix GI821 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI820, GI821, GI822, GI824, GI826, GI828
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-13
2
Document Number: 88629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length with both leads equally heat sink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curves
Fig. 2 - Forward Current Derating Curve
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI820
GI821
GI822
GI824
GI826
GI828
UNIT
Maximum instantaneous
forward voltage
5.0 A
TJ = 25 °C
VF
1.10
V
15.7 A
TJ = 100 °C
1.05
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
1.0
Typical junction
capacitance
4.0 V, 1 MHz
CJ
300
pF
Maximum reverse
recovery time
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
trr
200
ns
Maximum reverse
recovery current
IF = 1.0 A, VR = 30 V,
dI/dt = 50 A/μs
IRM(REC)
2.0
A
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI820
GI821
GI822
GI824
GI826
GI828
UNIT
Typical thermal resistance
RJA (1)
10
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GI826-E3/54
2.1
54
800
13" diameter paper tape and reel
GI826-E3/73
2.1
73
300
Ammo pack packaging
Ambient Temperature (°C)
20
40
60
80
100
120
140
160
180
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
1.1" x 1.1" (30 mm x 30 mm)
Copper Pads
Capacitive
Loads
5.0
10
20
=
I
pk
I
AV
=
π
I
pk
I
AV
Lead Temperature (°C)
75
80
85
90
95
100 105 110 115 120 125
0
4
8
12
16
20
1.6" x 1.6" x 0.04"
(40 mm x 40 mm x 1 mm)
Copper Heatsinks
L = Lead Length
Resistive or Inductive Load
L = 0.
25" (6.3
mm)
L = 0.62
" (15.9
mm)
L = 0.375
" (9.5
mm)
L =
0.
12
" (3.2
mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com