Electronic Components Datasheet Search
  English  ▼

X  

Z8018010FSC Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z8018010FSC
Description  Family MPU
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8018010FSC Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z8018010FSC Datasheet HTML 37Page - Zilog, Inc. Z8018010FSC Datasheet HTML 38Page - Zilog, Inc. Z8018010FSC Datasheet HTML 39Page - Zilog, Inc. Z8018010FSC Datasheet HTML 40Page - Zilog, Inc. Z8018010FSC Datasheet HTML 41Page - Zilog, Inc. Z8018010FSC Datasheet HTML 42Page - Zilog, Inc. Z8018010FSC Datasheet HTML 43Page - Zilog, Inc. Z8018010FSC Datasheet HTML 44Page - Zilog, Inc. Z8018010FSC Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 326 page
background image
Z 8018x Fam il
y
M PU Use r M anual
26
UM005001-ZMP0400
When the bus is released, the address (A0–A19), data (D0–D7), and
control (MREQ, IORQ, RD, and WR) signals are placed in the high
impedance state.
Dynamic RAM refresh is not performed when the Z8X180 has released
the bus. The alternate bus master must provide dynamic memory
refreshing if the bus is released for long periods of time.
Figure 16 illustrates BUSREQ/BUSACK bus exchange during a memory
read cycle. Figure 17 illustrates bus exchange when the bus release is
requested during a Z8X180 CPU internal operation. BUSREQ is sampled
at the falling edge of the system clock prior to T3, T1 and Tx (BUS
RELEASE state). If BUSREQ is asserted Low at the falling edge of the
clock state prior to Tx, another Tx is executed.
Figure 16.
Bus Exchange Timing During Memory Read
Phi
A0
–A19
T1
T1
TX
TX
T3
TW
T2
T1
RD, WR
D0
–D7
MREQ
IORQ
BUSREQ
BUSACK
CPU memory read cycle
Bus release cycle
CPU cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com