Electronic Components Datasheet Search
  English  ▼

X  

MA2Z367 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2Z367
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Z367 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2Z367 Datasheet HTML 1Page - Panasonic Semiconductor MA2Z367 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variable Capacitance Diodes
2
MA2Z367
CD  VR
IR  Ta
CD  Ta
IF  VF
Gap classification table for AFC
C
D(2V) / CD(10V) = 3.4
C
D(2V) / CD(10V) = 2.8
B rank
16
15
14
13
12
11
10
3.5
4.0
4.5
5.0
5.5
3.0
C
D(10V)
(pF)
1
100
10
2
20
3
30
5
50
0
8
16
24
32
4
12202836 40
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
0
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F
(V)
Ta
= 60°C
25
°C
− 40°C
0.97
0
20
40
60
80
100
0.98
0.99
1.00
1.01
1.02
1.03
Ambient temperature T
a
(
°C)
VR
= 2 V
10 V
f
= 1 MHz
0.01
0
40
80
120
160
20
60
100
140
0.1
1
10
100
Ambient temperature T
a
(
°C)
VR
= 30 V
CD rank classification



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com