Electronic Components Datasheet Search
  English  ▼

X  

CM2835 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM2835
Description  300mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2835 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  CM2835 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 8
NUMBERING SCHEME
Ordering Number
: CM2835XYZ (note1)
Ordering Number
: CM2835GXYZ (note2)
note1
:
CM2835: 300mA CMOS LDO with enable
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2
:
CM2835: 300mA CMOS LDO with enable
G : Suffix for Pb Free Product
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3
: see CMOS LDO Voltage Suffix Table
CM2835 will provide options of D(1.8V), K(2.5V), P(3.0V), S(3.3V)
note 4
:
Y= I : -40℃~+85℃ (only I grade support for all CMOS LDOs)
note 5:
Z is single alphabet with or without digits
M23 : SOT-23 (TR only)
M89 : SOT-89 (TR only)
CMOS LDO Voltage Suffix Table
Output Voltage
Suffix
Output Voltage
Suffix
1.5V
A
3.0V
P
1.6V
B
3.1V
Q
1.7V
C
3.2V
R
1.8V
D
3.3V
S
1.9V
E
3.4V
T
2.0V
F
3.5V
U
2.1V
G
3.6V
V
2.2V
H
3.7V
W
2.3V
I
3.8V
X
2.4V
J
3.9V
Y
2.5V
K
4.0V
Z
2.6V
L
2.7V
M
2.8V
N
2.9V
O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com