Electronic Components Datasheet Search
  English  ▼

X  

UPR-I Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # UPR-I
Description  Insulation spacer for universal power rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UPR-I Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  UPR-I Datasheet HTML 1Page - Pepperl+Fuchs Inc. UPR-I Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Insulation spacer for universal power
rail
UPR-I
< Electrical insulation of segmented Power Rail inserts
< Suitable for Power Rail UPR-**-*
< Suitable for profile rail K-DUCT
< Packaging unit: 10 pieces
Insulation spacer for universal power rail UPR-**-*
Function
The insulation spacer mounts onto a 35 mm DIN rail. It is used for electrical insulation of segmented Power Rail inserts.
Assembly
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - UPR-I

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
UPR-INS-05 PF-UPR-INS-05 Datasheet
453Kb / 2P
Insert for DIN Mounting Rail
2020-09-23
More results

Similar Description - UPR-I

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2853970 PHOENIX-2853970 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2854018 PHOENIX-2854018 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2854021 PHOENIX-2854021 Datasheet
49Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
logo
ZIEHL industrie-elektro...
D340101 ZIEHL-D340101 Datasheet
339Kb / 2P
Universal-Instrument MINIPAN 352V for DIN-rail-mounting
logo
Pepperl+Fuchs Inc.
M-LB-2800 PF-M-LB-2800 Datasheet
511Kb / 1P
Insulation Spacer
2022-01-14
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-E PF-UPR-E Datasheet
609Kb / 2P
End Cap for Universal Power Rail
2021-04-08
M-UPR-03-S PF-M-UPR-03-S Datasheet
1Mb / 3P
Universal Power Rail
2021-04-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com