Electronic Components Datasheet Search
  English  ▼

X  

STC809Z Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # STC809Z
Description  UP Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC809Z Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STC809Z Datasheet HTML 5Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 6Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 7Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 8Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 9Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 10Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 11Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 12Page - List of Unclassifed Manufacturers STC809Z Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
AC Electrical Characteristics
Table 5. AC Electrical Characteristics
m
y
Sm
y
S m
y
S m
y
Sm
y
Sn
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
t
S
R
h
t
d
i
W
e
s
l
u
P
t
e
s
e
Rh
g
i
H
o
t
w
o
l
m
o
r
f
R
M0
4
10
0
20
8
2s
m
t
D
W
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
V
o
t
d
e
i
t
R
M
d
n
a
I
D
W
C
C ,
V
C
C
V
>
N
R
%
5
+
2
1
.
16
.
15
2
.
2s
t
R
M
h
t
d
i
W
e
s
l
u
P
R
M1
µs
t
D
M
y
a
l
e
D
T
E
S
E
R
o
t
R
MV
C
C
V
0
.
5
=0
5
2s
n
t
P
W
h
t
d
i
W
e
s
l
u
P
I
D
W0
5s
n
Figure 4. Watchdog Timing Diagram
V
CC
t
RS
RESET
RESET
V
RST
V
RST
WDI
t
WD
t
RS
MR
t
MD
t
MR
t
WP
t
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com