Electronic Components Datasheet Search
  English  ▼

X  

VCFN12GE Datasheet(PDF) 1 Page - Schneider Electric

Part # VCFN12GE
Description  TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCFN12GE Datasheet(HTML) 1 Page - Schneider Electric

  VCFN12GE Datasheet HTML 1Page - Schneider Electric VCFN12GE Datasheet HTML 2Page - Schneider Electric VCFN12GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario enclosed, emergency
stop switch disconnector, 10A, IP55
VCFN12GE
Product availability : Stock - Normally stocked in distribution
facility
Price* : 179.00 USD
Main
Range
TeSys
Product name
TeSys Mini-VARIO
Device short name
VCFN
Product or Component Type
Emergency stop switch disconnector
Performance level
Standard
Poles description
3P
Control Type
Rotary handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ithe] conventional enclosed
thermal current
10 A
[Ie] rated operational current
8.1 A AC-23A)400 V
Rated operational power in W
4 kW 400 V AC-23)
3 kW 400 V AC-3)
Intermittent duty class
30
Making capacity ( I Rms)
120 A 400 V AC-21A
120 A 400 V AC-22A
120 A 400 V AC-23A
[Icm] rated short-circuit making
capacity
0.5 kA 400 V at Ipeak
[Icw] rated short-time withstand
Rms current
140 A 400 V 1 s
Rated conditional short-circuit
current
6 kA 400 V 12 A aM
6 kA 400 V 12 A gG
Breaking capacity
120 A 400 V AC-22A)
120 A 400 V AC-23A)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCFN12GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCFN12GE ETC2-VCFN12GE Datasheet
651Kb / 4P
UL 508 Motor Disconnect Switches
logo
Schneider Electric
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
More results

Similar Description - VCFN12GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VCF02GE SCHNEIDER-VCF02GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 10A, IP65
Jun 13, 2022
VCF4GE SCHNEIDER-VCF4GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, IP65
Jun 13, 2022
VCFN20GE SCHNEIDER-VCFN20GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jun 13, 2022 1
VCFN40GE SCHNEIDER-VCFN40GE_V01 Datasheet
132Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com