Electronic Components Datasheet Search
  English  ▼

X  

OPB950 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB950
Description  Dual Channel Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB950 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB950 Datasheet HTML 1Page - OPTEK Technologies OPB950 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•Dual channel outputs
•0.010" (0.254 mm) sensor apertures
for high resolution
•Open collector inverter outputs
•Snap mount
•4-pin connector ( Ho Tien 2560-04),
Molex compatible connector 5102
series housing and 5103 series
terminal
Description
The OPB950 consists of an infrared
emitting diode and a monolithic
integrated circuit which incorporates two
independent photodiodes, linear
amplifiers, Schmitt trigger circuits and
output transistors. The outputs are
TTL/LSTTL compatible and can drive 8
TTL loads.
Applications include linear and rotary
encoders with high resolution provided
by internal 0.010" (0.254 mm) apertures
located in front of Photologic
® sensor on
0.040" (1.02 mm) center line spacing.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Input Diode
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Peak Forward Current (1
µs Pulse Width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . 3.0 A
Reverse D. C. Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Output Photologic
®
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V
Voltage at Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW
(2)
Low Level Output Current (Sinking) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 mA
Notes:
(1) Derate linearly 1.67 mW/
o C above 25o C.
(2) Derate linearly 3.33 mW/
o C above 25o C.
Schematic
Product Bulletin OPB950
July 1996
Dual Channel Encoder
Type OPB950
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-152
RoHS
January 2006
For RoHS compliant devices
add "Z" to the end of the part
number: OPB950Z


Similar Part No. - OPB950

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
Dual Channel Encoder
More results

Similar Description - OPB950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7392 PHILIPS-SAA7392 Datasheet
246Kb / 76P
Channel encoder/decoder CDR60
2000 Mar 21
logo
TriQuint Semiconductor
TQ9303 TRIQUINT-TQ9303 Datasheet
348Kb / 25P
Fibre Channel Encoder/Decoder
logo
Agilent(Hewlett-Packard...
HEDS9200 HP-HEDS9200 Datasheet
798Kb / 7P
2 CHANNEL ENCODER MODULE
HEDS9700 HP-HEDS9700 Datasheet
430Kb / 11P
2 CHANNEL ENCODER MODULE
logo
OPTEK Technologies
OPL583 OPTEK-OPL583 Datasheet
565Kb / 3P
Dual Channel Photologic Encoder Detector
Aug-1996
logo
Broadcom Corporation.
BCM7041 BOARDCOM-BCM7041 Datasheet
104Kb / 2P
SIMULTANEOUS DUAL-CHANNEL DIGITAL VIDEO/AUDIO ENCODER
logo
TT Electronics.
OPB950Z TTELEC-OPB950Z Datasheet
976Kb / 6P
Dual Channel Encoder
OPL583 TTELEC-OPL583 Datasheet
976Kb / 3P
Dual Channel Photologic Encoder Detector
OPB822S TTELEC-OPB822S Datasheet
1Mb / 4P
Dual Channel Encoder
OPBA301 TTELEC-OPBA301 Datasheet
303Kb / 5P
Photologic짰 Dual Channel Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com