Electronic Components Datasheet Search
  English  ▼

X  

OPB970 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB970
Description  Photologic Slotted Optical Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB970 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB970 Datasheet HTML 1Page - OPTEK Technologies OPB970 Datasheet HTML 2Page - OPTEK Technologies OPB970 Datasheet HTML 3Page - OPTEK Technologies OPB970 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPB960, OPB970 Series
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
2-OTWO
Electrical Characteristics (TA = -40
o C to +70o C unless otherwise noted).
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.7
V
IF = 20 mA, TA = 25
o C
IR
Reverse Current
100
µA
VR = 2.0 V, TA = 25
o C
Output Photologic
® Sensor
VCC
Operating D.C. Supply Voltage
4.75
5.25
V
ICCL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
15
mA
VCC = 5.25 V, IF = 0 mA
(6)
Inverted Totem-Pole Output
Inverted Open-Collector Output
15
mA
VCC = 5.25 V, IF = 15 mA
ICCH
High Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
15
mA
VCC = 5.25 V, IF = 15 mA
Inverted Totem-Pole Output
Inverted Open-Collector Output
15
mA
VCC = 5.25 V, IF = 0 mA
(6)
VOL
Low Level Output Voltage:
Buffered Totem-Pole Output
Buffered Open-Collector Output
0.4
V
VCC = 4.75 V, IOL = 12.8 mA
IF = 0 mA
(6)
Inverted Totem-Pole Output
Inverted Open-Collector Output
0.4
V
VCC = 4.75 V, IOL = 12.8 mA
IF = 15 mA
(6)
VOH
High Level Output Voltage:
Buffered Totem-Pole Output
2.4
V
VCC = 4.75 V, IOH = -800
µA
IF = 15 mA
Inverted Totem-Pole Output
2.4
V
VCC = 4.75 V, IOH = -800
µA
IF = 0 mA
(6)
IOH
High Level Output Current:
Buffered Open-Collector Output
100
µA
VCC = 4.75 V, VOH = 30 V,
IF = 15 mA, TA = 25
o C
Inverted Open-Collector Output
100
µA
VCC = 4.75 V, VOH = 30 V,
IF = 0 mA, TA = 25
o C
IF(+)
LED Positive-Going Threshold Current
15
mA
VCC = 5.0 V, TA = 25
o C
IF(+)/IF(-)
Hysteresis
2.0
VCC = 5.0 V
IOS
Short Circuit Ouput Current:
Buffered Totem-Pole Ouput
“11”Series
-15
-60
mA
VCC = 5.25 V, IF = 15 mA
Ouput = GND
Inverted Totem-Pole Ouput
“11”Series
-15
-60
VCC = 5.25, IF = 0mA
Output = GND
tr, tf
Output Rise Time, Output Fall Time
70
ns
VCC = 5.0 V, TA = 25
o C
IF = 0 or 15 mA
RL = 8 TTL (Totem Pole)
RL = 360
Ω (Open Collector)
tPLH, tPHL
Propagation Delay Low-High & High-Low
5.0
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com