Electronic Components Datasheet Search
  English  ▼

X  

OPF560 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF560
Description  125 MHz Fiber Optic Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF560 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF560 Datasheet HTML 1Page - OPTEK Technologies OPF560 Datasheet HTML 2Page - OPTEK Technologies OPF560 Datasheet HTML 3Page - OPTEK Technologies OPF560 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPF560, OPF561, OPF562
Electrical Characteristics (TA = 25
o C unless otherwise noted)
-5.45
≤Supply Voltage ≤-4.75, RLOAD = 511 Ω, Fiber Sizes ≤100 Microns, N.A. ≤0.35
SYMBOL
PARAMETER
MIN
TYP MAX
UNIT
TEST CONDITION
RP
Responsivity
5.3
7
9.6
mV/
µW at 840 nm, 50 MHz
4.5
11.5
mV/
µW at 840 nm, 50 MHz -40o C ≤TA ≤+85o C
VNO
RMS Output Noise Voltage
0.40
0.59
mV
Bandwidth Filtered @ 75 MHz, PR = 0
µW
0.7
mV
Unfiltered Bandwidth PR = 0
µW
PN
Equivalent Optical Noise Input Power
(RMS)
-43.0 -41.4
dBm
Bandwidth Filtered @ 75 MHz
0.050 0.065
µW
PR
Peak Input Power
-7.6
dBm
TA = 25
o C
175
µW
TA = 25
o C
-8.2
dBm
-40
o C ≤TA ≤+85o C
150
µW
-40
o C ≤TA ≤+85o C
Vodc
DC Output Voltage
-4.2
-3.1
-2.4
V
PR = 0
µW
IEE
Power Supply Current
9
15
mA
RLOAD =
∞
tr, tf
Rise Time, Fall Time
(10% to 90%)
3.3
6.3
ns
PR = 100
µW, RLOAD = 511 Ω,
CLOAD = 5 pF
PWD
Pulse Width Distortion
0.4
2.5
ns
PR = 150
µW Peak, Pwidth = 10 ns,
50% Duty Cycle
BW
Bandwidth
125
MHz
-3 dB Electrical
PSRR
Power Supply Rejection Ratio
20
dB
@ 10 MHz
Recommended AC Coupled
Receiver Circuit
OUTPUT
8-109



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com