Electronic Components Datasheet Search
  English  ▼

X  

VZ2 Datasheet(PDF) 1 Page - Schneider Electric

Part # VZ2
Description  TeSys VARIO - additional pole - 40 A - for V2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VZ2 Datasheet(HTML) 1 Page - Schneider Electric

  VZ2 Datasheet HTML 1Page - Schneider Electric VZ2 Datasheet HTML 2Page - Schneider Electric VZ2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys VARIO - additional pole - 40
A - for V2
VZ2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 55.00 USD
Main
Range
TeSys
Device short name
VZ
Product or Component Type
Additional pole
Performance level
High performance
Poles description
1P
Contacts type and composition
1 NO
Product Compatibility
V2
Range compatibility
TeSys VARIO switch disconnector
Network type
AC
DC
Network Frequency
50/60 Hz
Suitability for isolation
Yes
Complementary
Mounting Location
Right
Left
[Ue] rated operational voltage
690 V AC 50/60 Hz
[Uimp] rated impulse withstand
voltage
8 kV
[Ith] conventional free air
thermal current
40 A
[Ithe] conventional enclosed
thermal current
32 A
Mechanical durability
100000 cycles
Electrical durability
100000 cycles AC-21
30000 cycles DC-1...5
Connections - terminals
Power circuit screw clamp terminals 0.01 in² (6 mm²) flexible - with cable end
Power circuit screw clamp terminals 0.02 in² (10 mm²) solid
Tightening torque
Power circuit 18.59 lbf.in (2.1 N.m) screw clamp terminals
Height
2.91 in (74 mm)
Width
0.63 in (16 mm)
Depth
1.38 in (35 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 22, 2022
1


Similar Part No. - VZ2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VZ20 SCHNEIDER-VZ20 Datasheet
146Kb / 3P
TeSys VARIO - auxiliary contact block - 1 NO 1 NO
Jun 22, 2022
logo
World Produts Inc.
VZ20D101K WPI-VZ20D101K Datasheet
1Mb / 65P
Metal Oxide Varistors
VZ20D101KBS WPI-VZ20D101KBS Datasheet
1Mb / 65P
Metal Oxide Varistors
VZ20D102KBS WPI-VZ20D102KBS Datasheet
1Mb / 65P
Metal Oxide Varistors
VZ20D112K WPI-VZ20D112K Datasheet
1Mb / 65P
Metal Oxide Varistors
More results

Similar Description - VZ2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VZ0 SCHNEIDER-VZ0 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 25 A - for V0
Jun 22, 2022
VZ01 SCHNEIDER-VZ01 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 20 A - for V01
Jun 22, 2022
VZ02 SCHNEIDER-VZ02 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 12 A - for V02
Jun 22, 2022
VZ1 SCHNEIDER-VZ1 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 32 A - for V1
Jun 22, 2022
VZ11 SCHNEIDER-VZ11 Datasheet
128Kb / 3P
TeSys VARIO - additional neutral block - 40 A - for V02...V2
Jun 22, 2022
VZ13 SCHNEIDER-VZ13 Datasheet
111Kb / 3P
TeSys VARIO - additional neutral block - 175 A - for V5 / V6
Jun 22, 2022
VZ14 SCHNEIDER-VZ14 Datasheet
142Kb / 3P
TeSys VARIO - additional earthing block - 40 A - for V02...V2
Jun 22, 2022
VZ3 SCHNEIDER-VZ3 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 63 A - for V3
Jun 22, 2022
VZ4 SCHNEIDER-VZ4 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 80 A - for V4
Jun 22, 2022
VZN20 SCHNEIDER-VZN20 Datasheet
124Kb / 3P
TeSys Mini-VARIO - additional pole - 20 A - for VN-20
Jun 22, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com