Electronic Components Datasheet Search
  English  ▼

X  

AD2420 Datasheet(PDF) 23 Page - Analog Devices

Part # AD2420
Description  Automotive Audio Bus (A2B) Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2420 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD2420 Datasheet HTML 19Page - Analog Devices AD2420 Datasheet HTML 20Page - Analog Devices AD2420 Datasheet HTML 21Page - Analog Devices AD2420 Datasheet HTML 22Page - Analog Devices AD2420 Datasheet HTML 23Page - Analog Devices AD2420 Datasheet HTML 24Page - Analog Devices AD2420 Datasheet HTML 25Page - Analog Devices AD2420 Datasheet HTML 26Page - Analog Devices AD2420 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
AD2420/AD2426/AD2427/AD2428/AD2429
Rev. D
|
Page 23 of 38
|
May 2022
Capacitive Loading
Output delays and holds are based on standard capacitive loads
of an average of 6 pF on all pins (see Figure 29). VLOAD is equal
to VIOVDD/2. Figure 30 through Figure 33 show how output rise
time varies with capacitance. The delay and hold specifications
given must be derated by a factor derived from these figures.
The graphs in Figure 30 through Figure 33 cannot be linear out-
side the ranges shown.
Figure 29. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
Figure 30. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 1.8 V, TJ = 25°C)
T1
ZO = 50
(impedance)
TD = 4.04
r 1.18 ns
2pF
TESTER PIN ELECTRONICS
50
0.5pF
70
400
45
4pF
NOTES:
THE WORST CASE TRANSMISSION LINE DELAY IS SHOWN AND CAN BE USED
FOR THE OUTPUT TIMING ANALYSIS TO REFLECT THE TRANSMISSION LINE
EFFECT AND MUST BE CONSIDERED. THE TRANSMISSION LINE (TD) IS FOR
LOAD ONLY AND DOES NOT AFFECT THE DATA SHEET TIMING SPECIFICATIONS.
ANALOG DEVICES RECOMMENDS USING THE IBIS MODEL TIMING FOR A GIVEN
SYSTEM REQUIREMENT. IF NECESSARY, THE SYSTEM CAN INCORPORATE
EXTERNAL DRIVERS TO COMPENSATE FOR ANY TIMING DIFFERENCES.
VLOAD
DUT
OUTPUT
50
0
2
4
6
8
10
12
14
18
16
0
5
10152025303540
45
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 0
Figure 31. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 1.8 V, TJ = 25°C)
Figure 32. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 3.3 V, TJ = 25°C)
Figure 33. Digital I/O Driver Typical Rise and Fall Times (10% to 90%)
vs. Load Capacitance (VIOVDD = 3.3 V, TJ = 25°C)
0
1
2
3
4
5
6
7
9
8
0
5
1015202530354045
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 1
0
1
2
3
4
5
6
7
10
9
8
0
10
20
30
40
50
60
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 0
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
90
tRISE
tFALL
LOAD CAPACITANCE (pF)
DRIVE STRENGTH = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com