Electronic Components Datasheet Search
  English  ▼

X  

AD2431 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2431
Description  Automotive Audio Bus (A2B) Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2431 Datasheet(HTML) 2 Page - Analog Devices

  AD2431 Datasheet HTML 1Page - Analog Devices AD2431 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. SpA
|
Page 2 of 2
|
April 2022
AD2431/AD2432/AD2433/AD2435
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D25790F-4/22(SpA)
 I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
GENERAL DESCRIPTION
The Automotive Audio Bus (A2B
®) provides a multichannel,
I2S/TDM link over distances of up to 15 m between nodes. It
embeds bidirectional synchronous pulse-code modulation
(PCM) data (for example, digital audio), clock, and synchroni-
zation signals onto a single unshielded twisted pair (UTP)
differential cable. A2B supports a direct point to point connec-
tion and allows multiple, daisy-chained nodes at different
locations to contribute and/or consume time division multi-
plexed channel content.
A2B is a single main node, multiple subordinate node system
where the transceiver at the host controller is the main node.
The main node generates clock, synchronization, and framing
for all subordinate nodes. The main A2B transceiver is program-
mable over a control port (I2C/SPI) for configuration and read
back. An extension of the control port protocol is embedded in
the A2B data stream. This allows direct access to registers and
status information on subordinate transceivers, as well as I2C to
I2C, SPI to I2C, or SPI to SPI communication from the host to a
peripheral in a subordinate node. SPI to SPI communication
between subordinate nodes can be performed directly and does
not need to involve the main node.
The transceiver can connect directly to general-purpose digital
signal processors (DSPs), field-programmable gate arrays
(FPGAs), application specific integrated circuits (ASICs),
microphones, analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and codecs through a multichannel
I2S/TDM interface. It also provides a pulse density modulation
(PDM) interface for direct connection of up to four PDM digital
microphones.
Finally, the transceiver also supports an A2B bus powering fea-
ture, where the main node supplies voltage and current to the
subordinate nodes over the same daisy-chained, twisted pair
wire cable as used for the communication link.
Complete technical specifications are available for the A2B
transceiver. Contact your nearest Analog Devices sales office to
complete the nondisclosure agreement (NDA) required to
receive additional product information.
Table 1. Product Comparison Guide
Feature
AD2431
AD2432
AD2433
AD2435
Main node capable
No
No
Yes
Yes
Functional TRX blocks
A only
A + B
A + B
A + B
I
2S/TDM support
No
No
Yes
Yes
PDM microphone inputs
4 mics
4 mics
4 mics
4 mics
A
2B bus power
N/A
High (≤ 50 W)
Standard (≤ 2.7 W)
High (≤ 50 W)
Nominal bus bias voltage (VBUS)
7 V to 24 V
7 V to 24 V
4 V to 9 V
7 V to 24 V
SPI
NoNoYes
Yes
Power configuration1
N/A
CFG-4
CFG-0
CFG-4
1 N/A means not applicable.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com