Electronic Components Datasheet Search
  English  ▼

X  

ADM2483 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM2483
Description  Half-Duplex, iCoupler Isolated RS-485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2483 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2483 Datasheet HTML 7Page - Analog Devices ADM2483 Datasheet HTML 8Page - Analog Devices ADM2483 Datasheet HTML 9Page - Analog Devices ADM2483 Datasheet HTML 10Page - Analog Devices ADM2483 Datasheet HTML 11Page - Analog Devices ADM2483 Datasheet HTML 12Page - Analog Devices ADM2483 Datasheet HTML 13Page - Analog Devices ADM2483 Datasheet HTML 14Page - Analog Devices ADM2483 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADM2483
Rev. F | Page 11 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
1.6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
85
25
–40
TEMPERATURE (
°C)
IDD1_RCVR_ENABLE @ 5.5V
IDD2_DE_ENABLE @ 5.5V
Figure 13. Unloaded Supply Current vs. Temperature
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 14. Output Current vs. Driver Output Low Voltage
–10
–30
–50
–70
–90
–110
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
Figure 15. Output Current vs. Driver Output High Voltage
0.32
0.30
0.28
0.26
0.24
0.22
0.20
–40
80
65
50
35
20
5
–10
–25
TEMPERATURE (
°C)
Figure 16. Receiver Output Low Voltage vs. Temperature, I = –4mA
4.78
4.76
4.74
4.72
4.70
4.68
4.66
–40
80
65
50
35
20
5
–10
–25
TEMPERATURE (
°C)
Figure 17. Receiver Output High Voltage vs. Temperature, I = 4 mA
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 18. Driver Output Current vs. Differential Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com