Electronic Components Datasheet Search
  English  ▼

X  

ACE11560LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11560LA
Description  60V N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11560LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11560LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11560LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11560LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE11560LA
60V N-Channel Power MOSFET
VER 1.1
1
Description
The ACE11560LA uses advanced trench technology to provide excellent RDS(ON), low gate charge. It
can be used in a wide variety of applications.
Features
⚫
VDS = 60V, ID = 50A
⚫
RDS(ON) < 15mΩ @ VGS=10V
⚫
RDS(ON) < 18mΩ @ VGS=4.5V
⚫
High density cell design for lower RDS(ON)
⚫
Fully characterized avalanche voltage and current
⚫
Good stability and uniformity with high EAS
⚫
Excellent package for good heat dissipation
Applications
⚫
Power switching application
⚫
Hard switched and High frequency circuits
⚫
Uninterruptible power supply
Absolute Maximum Ratings (T
A=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
50
A
Drain Current-Pulsed
(Note 1)
IDM
200
A
Maximum Power Dissipation(Tc=25℃)
PD
87
W
Single pulse avalanche energy
(Note 2)
EAS
120
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
O
C
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
EAS condition :T j=25℃,VDD=30V,VGS=10V,L=0.5mH,Rg
Thermal Characteristic
Parameter
Symbol
Typical
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.72
O
C /W


Similar Part No. - ACE11560LA

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
ACE11560LAYMH WURTH-ACE11560LAYMH Datasheet
186Kb / 2P
Flexible ferrite absorber platte
ACE11560LAZMH WURTH-ACE11560LAZMH Datasheet
186Kb / 2P
Flexible ferrite absorber platte
More results

Similar Description - ACE11560LA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
35N06 UMW-35N06 Datasheet
781Kb / 8P
60V N-Channel Power Mosfet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com