Electronic Components Datasheet Search
  English  ▼

X  

ACE7551U Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7551U
Description  600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7551U Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7551U Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7551U Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7551U Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7551U
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
2
Absolute Maximum Ratings (NOTE1)
Symbol
Parameter
Value
Unit
V
IN
VIN Supply Voltage
-0.3 to 6V
V
VEN, VFB
EN, FB Voltages
-0.3 to VIN+0.3
V
VSW
SW Voltage
-0.3 to VIN+0.3
V
ISW
Peak SW Sink and Source Current
1.5
A
PD
Continuous Power Dissipation at TA=25°C
SOT23-5
0.89
W
DFN2*2-6L
1.56
TOP
Operating Temperature Range
-40 to 85
°C
T
STG
Storage Temperature Range
-65 to 150
°C
Note 1: Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the
device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these
limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Typical Application



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com