Electronic Components Datasheet Search
  English  ▼

X  

EK06 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EK06
Description  EVALUATION KIT FOR SA60 PIN-OUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK06 Datasheet(HTML) 1 Page - Cirrus Logic

  EK06 Datasheet HTML 1Page - Cirrus Logic EK06 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
INTRODUCTION
Fast and easy breadborading of circuits using the SA60 are
possible with the EK06 evaluation kit. The amplifier may be
mounted vertically with the HS20 heat sink, or horizontally.
Connections are provided for required power supply bypass-
ing recommended protection components, as well as optional
current sense resistors. A large area for component mounting
provides flexibility and makes a multitude of circuit configura-
tions possible.
CAUTION
Use the supplied thermal washers or ther-
mal grease between the power amplifier
and the heat sink.
ASSEMBLY
1. On the silk screen side of the evaluation board, insert and
solder the MS06 mating socket in DUT holes 1 – 12. Be sure
each one is fully seated.
2. Solder components for your circuit. Be sure to include proper
bypassing. See the SA60 data sheet for help in selecting
these components. 1uF capacitors and a .10Ω resistor have
been included with the EK06 kit but may be replaced with
other components as necessary. C1, not provided, should
be selected for the voltage required by the application. See
Apex Application Note 30 for guidelines in selecting this
bypass capacitor. If current sense resistors are not used,
the I SENSE traces on the EVAL11 board must be shorted
to power ground in place of the resistors.
3. Place the TW07 thermal washer on the heat sink over the
mounting hole for the DUT. Place a #6 screw through the
mounting hole and thread a #6 nut onto the screw at the back
of the heat sink. Do not tighten. Note that there are two sets
of mounting holes on the HS20). Holes on one edge allow
room between the DUT and evaluation board for the MS06
socket. The holes on the other edge are for direct through
hole mounting of the DUT to the evaluation board. It is rec-
ommended that you use the MS06.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�������������������������������
����
4. Mount the DUT to the HS20 by sliding under the head of the
#6 screw and on top of the thermal washer. Tighten the nut
to the specified 8 to 10 in-lbs. (.9 to .13 N*M). Do not over
torque.
5. Install leads of the DUT into the MS06 on the evaluation board.
Use #6 self-tapping screws to secure the evaluation board
to the HS20 heat sink as shown in the assembly diagram
(Figure 1).
PARTS LIST
Part #
Description
Quantity
HS20
Heatsink
1
EVAL11
PC Board
1
MS06
Mating Socket
1
OX7R105KWN
1µF Ceramic Capacitor
2
CSR07
.1 Ω 1% Resistor
2
TWO7
Thermal Washer
1 package
HS22
Heatsink
2
BEFORE YOU GET STARTED
• All Apex amplifiers should be handled using proper ESD
precautions.
• Always use the heat sink and thermal washers included in
this kit.
• Always use adequate power supply bypassing.
• Do not change connections while the circuit is powered.
• Initially set all power supplies to the minimum operating levels
allowed in the device data sheet.
• Check for oscillations.
• Power ground and signal ground must be separated to avoid
switching noise in the DUT.
FIGURE 1.


Similar Part No. - EK06

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK06 SANKEN-EK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes 60V
logo
List of Unclassifed Man...
EK06 ETC-EK06 Datasheet
44Kb / 2P
Schottky Barrier Diodes
logo
Sanken electric
EK06 SANKEN-EK06 Datasheet
92Kb / 2P
Schottky Barrier Diodes
logo
Greenlee Communications
EK06AT11 GREENLEE-EK06AT11 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
EK06AT12 GREENLEE-EK06AT12 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - EK06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK03 APEX-EK03 Datasheet
223Kb / 4P
EVALUATION KIT FOR SA03 PIN-OUT
EK04 APEX-EK04 Datasheet
505Kb / 5P
EVALUATION KIT FOR PA04 PIN-OUT
EK07 APEX-EK07 Datasheet
491Kb / 4P
EVALUATION KIT FOR SA07 PIN-OUT
EK15 APEX-EK15 Datasheet
257Kb / 4P
EVALUATION KIT FOR SA08 PIN-OUT
EK19 APEX-EK19 Datasheet
161Kb / 2P
EVALUATION KIT FOR SA07 PIN-OUT
EK21 APEX-EK21 Datasheet
215Kb / 4P
EVALUATION KIT FOR SA07 PIN-OUT
EK26 APEX-EK26 Datasheet
199Kb / 2P
EVALUATION KIT FOR PA60EU PIN-OUT
EK52 APEX-EK52 Datasheet
450Kb / 4P
EVALUATION KIT FOR MP230FC/MP240FC PIN OUT
EK60 APEX-EK60 Datasheet
412Kb / 3P
EVALUATION KIT FOR PA78 PIN-OUT
EK01 APEX-EK01 Datasheet
247Kb / 4P
EVALUATION KIT FOR SA01 PIN-OUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com