Electronic Components Datasheet Search
  English  ▼

X  

EK07 Datasheet(PDF) 3 Page - Cirrus Logic

Part # EK07
Description  EVALUATION KIT FOR SA07 PIN-OUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK07 Datasheet(HTML) 3 Page - Cirrus Logic

  EK07 Datasheet HTML 1Page - Cirrus Logic EK07 Datasheet HTML 2Page - Cirrus Logic EK07 Datasheet HTML 3Page - Cirrus Logic EK07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
EVALUATION KIT
FOR SA07 PIN-OUT
EK07
FIGURE 2.
Figure 2 shows a suggested
simple test circuit that you can build
to gain a familiarity with the evalua-
tion kit as well as the amplifier. At
the A OUT or B OUT pads relative
to power ground you should observe
a square wave with a frequency of
approximately 500kHz, 30V p-p
which is being modulated from ap-
proximately 0 to 100 % duty cycle
at a rate of 1 Hz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com