Electronic Components Datasheet Search
  English  ▼

X  

EK09 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EK09
Description  EVALUATION KIT FOR TO-3 AND MO-127 PACKAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK09 Datasheet(HTML) 1 Page - Cirrus Logic

  EK09 Datasheet HTML 1Page - Cirrus Logic EK09 Datasheet HTML 2Page - Cirrus Logic EK09 Datasheet HTML 3Page - Cirrus Logic EK09 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
INTRODUCTION
This kit provides a solid mechanical platform with good shield-
ing and grounding to breadboard eight pin TO-3 packages or the
MO-127 package with 0.060" pins. This kit is not intended as
an alternate for kits dedicated to specific amplifiers. See www.
apexmicrotech.com for availability of dedicated kits.
Construction will involve surface mounting and 3D techniques.
Holes are provided to mount standard banana and BNC connec-
tors for I/O. See the Apex Accessories Information data sheet
for a selection of flat-back heatsinks and thermal washers for
these packages.
Note that HS11 is compatible with EK09 and all three sockets
can be used if desired. If the EK09 is to be used as an MO-127
platform only, HS18 rated at 1° C/W is a cost effective alterna-
tive to HS11 if internal power dissipation permits. Lower cost
alternatives for two package TO-3 applications are HS02, HS01,
and HS09. For single package TO-3 applications the HS13 is
also suitable. The six chip capacitors provided can be used as
the critical first step in power supply bypass for dual supplies
for all three sockets. These capacitors are rated at 200V.
PARTS LIST
Part #
Description
Quantity
PB99-P2
top
1
PB99- P6
side
2
PB99-P7
side
2
MS02
cage jacks for one TO-3 socket
2
MS04
cage jacks for one MO-127 socket
1
OX7R105KWN 1µF Cap 1825B105K201N,Novacap
6
BEFORE YOU GET STARTED
• Attempt to visualize the finished circuit mechanically and in
terms of where the high currents flow.
• Use proper ESD precautions.
• Verify heatsink is adequate
• Use thermal grease or Apex thermal washer.
• Do not make or break any connection on a hot circuit.
• Start with lowest rated voltages.
• Checking for oscillations with an oscilloscope is a must.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�������������������������������������������
����
ASSEMBLY
Let us define the side of the top board with solder pads for each
pin (roughly triangular on the TO-3 sockets) as the component
side, where all the support components will determine circuit
function and will be inside the finished box. The other side of
this board is hereby dubbed the amplifier side.
Insert cage jacks from the amplifier side and solder. Consider
one of these techniques: 1) Place cage jacks in holes, cover
with one of the 6" copper sides, flip over and solder, or 2) place
cage jacks on pins of the amplifier, insert and solder. If done
carefully, technique 2 can be used for the MO-127 package
with 0.040" leads.
Starting with one short and one long side, locate a vertical
square corner in your work area (a large heatsink standing
on end works fine) and solder the two together. Repeat for
the other two sides, and finally solder the two pairs together.
With the component side up , place rectangle of sides on top
and tack two opposite corners. When satisfied with alignment,
solder the box together then add connectors and components
as desired.
Note that copper on the inside and on the top of the box will
all be tied to ground. Copper on the four outer sides of the box
will be floating unless you tie them down.
Soldering a stranded #10 to #16 ground wire from the immedi-
ate area of the socket(s) to the ground connector of the power
supply(ies) is good construction practice. If the circuit is not a
bridge, run this same size wire from the socket area to the out-
put return connector. This will avoid high currents in the ground
plane which may destroy signal integrity or even an amplifier.
This is a good time to think about star grounding where each
ground connection has a dedicated path to the center of the
star such that currents in any path are not capable of inducing
voltage in any other path.
Note that the layout makes it easy to locate the star center
nearly coincident with the socket center.
Auxiliary circuits may be mounted inside the box in 3-D fash-
ion supported on ground connections or on daughter boards
as convenient. Other style connectors, switches or indicators
can easily be added by simply drilling the appropriate holes
and mounting them.


Similar Part No. - EK09

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK09 SANKEN-EK09 Datasheet
43Kb / 2P
Schottky Barrier Diodes 90V
logo
List of Unclassifed Man...
EK09 ETC1-EK09 Datasheet
43Kb / 2P
Schottky Barrier Diodes 90V
More results

Similar Description - EK09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
logo
Aavid, Thermal Division...
500103B00000 AAVID-500103B00000 Datasheet
89Kb / 2P
For use with TO-3 packages
2/25/2003
501303B00000 AAVID-501303B00000 Datasheet
84Kb / 2P
For use with TO-3 packages
2/25/2003
501403B00100 AAVID-501403B00100 Datasheet
85Kb / 2P
For use with TO-3 packages
2/25/2003
501503B00000 AAVID-501503B00000 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
For use with TO-3 packages
2/25/2003
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com