Electronic Components Datasheet Search
  English  ▼

X  

EK17 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EK17
Description  EVALUATION KIT FOR SA12 PWM AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK17 Datasheet(HTML) 2 Page - Cirrus Logic

  EK17 Datasheet HTML 1Page - Cirrus Logic EK17 Datasheet HTML 2Page - Cirrus Logic EK17 Datasheet HTML 3Page - Cirrus Logic EK17 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
EVALUATION KIT
FOR SA12 PWM AMPLIFIER
EK17
ASSEMBLY
During assembly refer to Figures 1 & 2
1.
From the DUT of the PCB insert and
solder the 12 cage jacks. Also solder
the cage jacks from the circuit side
as well, making sure the cage jack
remains flush with the component side
of the PCB.
2.
Solder the 3 surface mount ceramic
capacitors to the component side of
the PCB.
3.
From the component side of the PCB
insert the terminal strip. Solder from the
circuit side of the PCB. Be sure that
the GND terminal hole in the PCB is
fully filled with solder.
4.
Two values of current limiting power
resistors are supplied. Select one
value (see the amplifier data sheet to
learn how to calculate which resistor
will suit your need). Coat the backside
of the power resistor with heat sink
compound (not supplied). Using 4-40
screws and nuts (not supplied) mount
the resistors to the two small heat sinks
supplied. Solder the resistor/heat sink
assembly to the component side of the
PCB.
5.
Insert the electrolytic capacitor into
the PCB from the component side and
solder from the circuit side making sure
to fill the mounting holes with solder.
6.
From the circuit side, push spacer
grommets into PCB until fully seated.
Grommets will snug when screws are
inserted for heatsink mounting.
7. Apply TW05 thermal washer to the
bottom of the amplifier.
8. Use #14 sleeving to insulate and align
at least 2 opposite pins of the ampli-
fier.
9. Mount amplifier to heatsink using #6
screws and nuts. Torque the part to
the specified 8 to 10 in-lbs (.9 to 1.13
N*M). Do not over torque.
10. Install components as needed. Ex-
ternal connections may be soldered
directly or standard banana jacks may
be soldered to the large pads at the
edge of the PCB.
11. Insert amplifier pins into cage jacks
and fasten PCB to heatsink.
��������������
����������
���
�
��
��
��
��
���
��
��
���
����
����
��
��
���
���
���
�����
����
�����
���
���
�����
�����
���
���
���
���������
��
��
��
��
����
���
�
��
�
�
�
� �
�
�
�
�
� � �
�
�
�
�
��
��
��������
�����������
�����
�����
FIGURE 2. PCB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com