Electronic Components Datasheet Search
  English  ▼

X  

BAY80 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAY80
Description  Small Signal Switching Diode, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAY80 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAY80 Datasheet HTML 1Page - Vishay Siliconix BAY80 Datasheet HTML 2Page - Vishay Siliconix BAY80 Datasheet HTML 3Page - Vishay Siliconix BAY80 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAY80
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-May-13
1
Document Number: 85553
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, High Voltage
MECHANICAL DATA
Case: DO-35
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10K per 13" reel (52 mm tape), 50K/box
TAP/10K per ammopack (52 mm tape), 50K/box
FEATURES
• Silicon epitaxial planar diode
• AEC-Q101 qualified
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• General purpose
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
INTERNAL CONSTRUCTION
REMARKS
BAY80
BAY80-TR or BAY80-TAP
BAY80
Single diode
Tape and reel/ammopack
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
150
V
Reverse voltage
VR
120
V
Peak forward surge current
tp = 1 μs
IFSM
1A
Repetitive peak forward current
IFRM
625
mA
Forward continuous current
IF
250
mA
Average forward current
IF(AV)
200
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
l = 4 mm, TL = constant
RthJA
350
K/W
Junction to ambient air
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C


Similar Part No. - BAY80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
General purpose diode
1996 Sep 18
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
40Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Fairchild Semiconductor
BAY80 FAIRCHILD-BAY80 Datasheet
47Kb / 1P
General Purpose High Conductance Diodes
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
logo
SynSemi, Inc.
BAY80 SYNSEMI-BAY80 Datasheet
38Kb / 2P
SWITCHING DIODE
More results

Similar Description - BAY80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
Small Signal Switching Diode, High Voltage
19-Feb-07
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
Small Signal Switching Diode, High Voltage
03-Jan-06
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
Small Signal Switching Diode, High Voltage
12-Aug-10
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
Small Signal Switching Diode, High Voltage
16-Jul-12
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
Small Signal Switching Diode, High Voltage
13-May-13
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
Small Signal Switching Diode, High Voltage
22-Feb-18
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS VISHAY-GSD2004WS_V01 Datasheet
88Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com