Electronic Components Datasheet Search
  English  ▼

X  

EK26 Datasheet(PDF) 2 Page - Cirrus Logic

Part # EK26
Description  EVALUATION KIT FOR PA60EU PIN-OUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK26 Datasheet(HTML) 2 Page - Cirrus Logic

  EK26 Datasheet HTML 1Page - Cirrus Logic EK26 Datasheet HTML 2Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
EK26
NOTE: Illustration only, not to scale.
EVALUATION KIT
FOR PA60EU PIN-OUT
C111
R110
R104
C107
CR101
CR201
R210
C207
R204
C211
C103
R103
C104
R101
R102
CR103
C101
C108
C105
CR102
CR203
CR202
C201
R201
C203
R203
C204
+IN2
GND2
–IN2
OUT2
R206
R205
C206
R208
C210
R209
R108
C110
R109
R106
+IN1
GND1
–IN1
OUT1
C105
C106
R109
R102
1
R202
1
R203
C102
C109
C211
R210
R204
C207
CR201
CR101
R110
C107
R104
C111
C203
C204
R202
C201
C105
C108
CR102
CR203
CR202
C101
C103
R103
C104
+IN1
GND1
–IN1
OUT1
R106
R105
C106
R108
C110
R109
R208
C210
R209
R206
+IN2
GND2
–IN2
OUT2
R205
R102
R201
R101
C206
CR103
5"
7"
N
CIRCUIT SIDE
PB80 REV-B
R
M I C
E
O T
C H
O
O
L
G Y
EK26
COMP. SIDE
PB80 REV-C
G
C
M I
O
R
T
N
E C H
L
O
O
Y
EK26
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
EK26U REV E 2004 © 2004 Apex Microtechnology Corp.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com