Electronic Components Datasheet Search
  English  ▼

X  

EK29 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EK29
Description  POWER BOOSTER EVALUATION KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK29 Datasheet(HTML) 1 Page - Cirrus Logic

  EK29 Datasheet HTML 1Page - Cirrus Logic EK29 Datasheet HTML 2Page - Cirrus Logic EK29 Datasheet HTML 3Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
INTRODUCTION
This easy-to-use kit provides a platform for the evaluation of
the PB51 high voltage power boosters. The PB51 is designed
most commonly in combination with a small signal, general
purpose op amp. However, they can also be used without a
driver amplifier. This kit can be used to analyze a multitude of
standard or proprietary circuit configurations.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
����
CAUTION
Use the supplied thermal washers or thermal
grease between the power amplifier and the
heat sink.
ASSEMBLY
1. On the silk screen side of the evaluation board, insert and
solder the MS06 mating socket in DUT holes 1-12. Be sure
each one is fully seated.
2. Solder components for your circuit. Be sure to incude proper
bypassing, required compensaton components and current
limit resistors. See the op amp data sheet for help in select-
ing these components.
3. Place the TW07 thermal washer on the heat sink over the
mounting hole for the DUT. Place a #6 screw through the
mounting hole and thread a #6 nut onto the screw at the back
of the heat sink. Do not tighten. Note that there are two sets
of mounting holes on the HS20. Holes on one edge allow
room between the DUT and evaluation board for the MS06
socket. The holes on the other edge are for direct through
hole mounting of the DUT to the evaluation board. It is rec-
ommended that you use the MS06.
4. Mount the DUT to the HS20 by sliding under the head of the
#6 screw and on top of the thermal washer. Tighten the nut
to the specified 8 to 10 in-lbs. (.9 to .13 N*M) do not over
torque.
5. Install leads of the DUT into the the MS06 on the evaluation
board. Use #6 self-tapping screws to secure the evalua-
tion board to the HS20 heatsink as shown in the assembly
diagram (Figure1).
PARTS LIST
Part #
Description
Quantity
HS20
Heatsink
1
EVAL30
PC Board
1
MS06
Mating Socket
1
TW07
Thermal Washer
1 package
BEFORE YOU GET STARTED
• All Apex amplifiers should be handled using proper ESD
precautions.
• Always use the heat sink and thermal washers included in
this kit.
• Always use adequate power supply bypassing.
• Do not change connections while the circuit is powered.
• Initially set all power supplies to the minimum operating levels
allowed in the device data sheet.
• Check for oscillations.
EQUIVALENT SCHEMATIC


Similar Part No. - EK29

ManufacturerPart #DatasheetDescription
logo
Antex (Electronics) Lim...
EK20080 ANTEX-EK20080 Datasheet
132Kb / 3P
Replacement Elements
logo
Cirrus Logic
EK21 APEX-EK21 Datasheet
215Kb / 4P
EVALUATION KIT FOR SA07 PIN-OUT
logo
Greenlee Communications
EK21011 GREENLEE-EK21011 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
EK21012 GREENLEE-EK21012 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
EK21022 GREENLEE-EK21022 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - EK29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com