Electronic Components Datasheet Search
  English  ▼

X  

AV42 Datasheet(PDF) 1 Page - Avic Technology

Part # AV42
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV42 Datasheet(HTML) 1 Page - Avic Technology

  AV42 Datasheet HTML 1Page - Avic Technology AV42 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@vic
AV42
Copyright © Avic Electronics Corp.
1
Website: http://www.avictek.com
TO-92 Plastic-Encapsulate Transistors
A42 TRANSISTOR( NPN )
FEATURES
Power dissipation
PCM : 0.625 W(Tamb=25℃)
Collector current
ICM : 0.3 A
Collector-base voltage
V(BR)CBO : 300 V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL CHARACTERISTICS(Tamb=25℃ unless otherwise specified
)
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA, IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1 mA, IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 200 V IE=0
0.25
μA
Emitter cut-off current
IEBO
VEB= 3 V, IC=0
0.25
μA
HFE(1)
VCE= 10 V, IC= 1 mA
25
HFE(2)
VCE= 10V, IC = 10 mA
80
250
DC current gain
HFE(3)
VCE= 10 V, IC= 50 mA
25
Collector-emitter saturation voltage
VCE(sat)
IC= 20 mA, IB= 2 mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 20mA, IB= 2 mA
0.9
V
Transition frequency
fT
VCE= 5 V, IC= 10 mA
f =30MHz
50
MHz
CLASSIFICATION OF HFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
1
2 3
TO—92
1. EMITTER
2. BASE
3.COLLECTOR


Similar Part No. - AV42

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV4216K APLUS-AV4216K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AV4232 APLUS-AV4232 Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
logo
Avic Technology
AV42LT1 AVICTEK-AV42LT1 Datasheet
311Kb / 2P
TRANSISTOR竊?NPN 竊
More results

Similar Description - AV42

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com