Electronic Components Datasheet Search
  English  ▼

X  

8046301 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8046301
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8046301 Datasheet(HTML) 2 Page - Festo Corporation.

  8046301 Datasheet HTML 1Page - Festo Corporation. 8046301 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364 zone III
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
DC operating voltage range
19 V ... 29 V
Nominal operating voltage DC
24 V
Residual ripple
10 %
Reference value
0 - 10 V
Analog output signal range
0 - 10 V
Precision analog output in ± %FS
2 %FS
Max. electrical power consumption
1 W
Reverse polarity protection
for all electrical connections
Short-circuit protection
For all electrical connections
Safety instructions
VEAA/VEAB safety position: if the electrical power supply is lost, the
outlet pressure is maintained in uncontrolled form, it may increase or
fall – pneumatic valve blocked.
Display type
LED
Electrical connection
4-pin
M8x1
Plug
as per EN 60947-5-2
Housing material
PA-reinforced
6/27/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com