Electronic Components Datasheet Search
  English  ▼

X  

8141518 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8141518
Description  Solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8141518 Datasheet(HTML) 1 Page - Festo Corporation.

  8141518 Datasheet HTML 1Page - Festo Corporation. 8141518 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solenoid valve
VUVG-B10-T32C-MZT-F-1T1L-F1A
Part number: 8141518
Data sheet
Feature
Value
Valve function
2x3/2, closed, monostable
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
130 l/min
Pneumatic working port
Flange
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
Degree of protection
IP40
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Reversible
Symbol
00992945
Lap
Overlap
Variants
Metals with copper, zinc or nickel as main constituent are excluded from
use. Exceptions are nickel in steel, chemically nickel-plated surfaces,
printed circuit boards, cables, electrical plug connectors and coils.
Signal status display
LED
Pilot pressure MPa
0.2 MPa ... 0.8 MPa
Pilot pressure
2 bar ... 8 bar
Max. switching frequency
3 Hz
Switching time off
20 ms
On switching time
10 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
1600 µs
Max. negative test pulse on 1 signal
3000 µs
Coil characteristics
22 V DC: 1.0 W
Permissible voltage fluctuations
+/- 10 %
6/26/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8141518

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8141516 FESTO-8141516 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
8141517 FESTO-8141517 Datasheet
96Kb / 2P
Solenoid valve
6/26/22
8141519 FESTO-8141519 Datasheet
99Kb / 2P
Solenoid valve
6/26/22
More results

Similar Description - 8141518

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VYKA-F7-M32-12-D2-PV-5YQ7 FESTO-VYKA-F7-M32-12-D2-PV-5YQ7 Datasheet
89Kb / 2P
Solenoid valve
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
8141532 FESTO-8141532 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8141534 FESTO-8141534 Datasheet
92Kb / 2P
Solenoid valve
6/26/22
8150397 FESTO-8150397 Datasheet
94Kb / 2P
Solenoid valve
6/26/22
8150460 FESTO-8150460 Datasheet
98Kb / 2P
Solenoid valve
6/26/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com