Electronic Components Datasheet Search
  English  ▼

X  

ACE114614B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE114614B
Description  60V Complementary Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE114614B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE114614B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE114614B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE114614B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE114614B
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
1
Description
⚫
used in inverter
⚫
other applications
Features
N-Channel
⚫
VDS= 60V
⚫
ID=4.4A
⚫
RDS(ON)@VGS= 10V, TYP 37 mΩ
⚫
RDS(ON)@VGS= 4.5V, TYP 43 mΩ
P-Channel
⚫
VDS= -60V
⚫
ID=-4.2A
⚫
RDS(ON)@VGS= -10V, TYP 53 mΩ
⚫
RDS(ON)@VGS= -4.5V, TYP 60 mΩ
Absolute Maximum Ratings
Parameter
Symbol
N-Ratings
P-Ratings
Unit
Drain-Source Voltage
VDSS
60
-60
V
Gate-Source Voltage
VGSS
±20
±20
V
Drain Current
(Continuous) *AC
TA=25°C
ID
4.4
-4.2
A
TA=70°C
3.5
-3.4
Drain Current (Pulse) *B
IDM
21
-17
A
Power Dissipation
TA=25°C
PD
2
W
Operating Temperature/ Storage Temperature
TJ/TSTG
-55~150
-55~150
°C
Note :
a.The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
b. Repetitive rating, pulse width limited by junction temperature.
c. The current rating is based on the t≤ 10s junction to ambient thermal resistance rating


Similar Part No. - ACE114614B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE11435A ACE-ACE11435A Datasheet
408Kb / 7P
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE114614B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMC6A09DN8 DIODES-ZXMC6A09DN8 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMC4559DN8 DIODES-ZXMC4559DN8 Datasheet
292Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMC4559DN8 DIODES-ZXMC4559DN8_15 Datasheet
410Kb / 11P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
Rev 7
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
DMC6040SSDQ DIODES-DMC6040SSDQ Datasheet
592Kb / 9P
60V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
ACE Technology Co., LTD...
ACE14614B ACE-ACE14614B Datasheet
208Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com