Electronic Components Datasheet Search
  English  ▼

X  

ACE12008A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE12008A
Description  N&P Pair Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE12008A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE12008A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE12008A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE12008A Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE12008A
N&P Pair Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE12008A is the N&P Channel enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology. This high-density process is especially tailored to
minimize on-state resistance and provide superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer power management and other battery
powered circuits where high-side switching, low in-line power loss, and resistance to transients are
needed.
Features
⚫
N-Channel
20V/0.65A, RDS(ON)=380mΩ@VGS=4.5V
20V/0.55A, RDS(ON)=450mΩ@VGS=2.5V
20V/0.45A, RDS(ON)=800mΩ@VGS=1.8V
⚫
P-Channel
-20V/0.45A, RDS(ON)= 520mΩ @VGS=-4.5V
-20V/0.35A, RDS(ON)= 700mΩ @VGS=-2.5V
-20V/0.25A, RDS(ON)= 1500mΩ @VGS=-1.8V
⚫
Super high-density cell design for extremely low RDS (ON)
⚫
Exceptional on-resistance and maximum DC current capability
Application
⚫
Power Management in Note book
⚫
Portable Equipment
⚫
Battery Powered System
⚫
DC/DC Converter
⚫
Load Switch
⚫
DSC
⚫
LCD Display inverter


Similar Part No. - ACE12008A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
logo
Fairchild Semiconductor
ACE12022 FAIRCHILD-ACE12022 Datasheet
2Mb / 39P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE12022B FAIRCHILD-ACE12022B Datasheet
2Mb / 39P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

Similar Description - ACE12008A

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6332 SYNC-POWER-SPC6332 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com