Electronic Components Datasheet Search
  English  ▼

X  

ACE18812B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE18812B
Description  Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE18812B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE18812B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE18812B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE18812B
Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
VER 1.1
1
Description
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
ESD Protection
Features
VDS (V) = 20V ,ID = 7A
RDS(ON)@VGS = 4.5V, TYP 13.5
mΩ
RDS(ON)@VGS = 4.0V, TYP 14.0
mΩ
RDS(ON)@VGS = 3.1V, TYP15.2
mΩ
RDS(ON)@VGS = 2.5V, TYP17.5m
Ω
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Continuous)
*AC
TA=25
OC
ID
7
A
TA=70
OC
5.5
Drain Current (Pulse)
*B
IDM
30
Power Dissipation
TA=25
OC
PD
1.5
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
OC
A. The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B. Repetitive rating, pulse width limited by junction temperature.
C.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
t ≤ 10 s
R
thJA
100
°C/W


Similar Part No. - ACE18812B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
N-Channel 100-V MOSFET
VER 1.1
ACE18205S ACE-ACE18205S Datasheet
186Kb / 2P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
12Vdc distributed power architectures Mid-End Blade Network Equipment
logo
ACE Technology Co., LTD...
ACE1851WM+ ACE-ACE1851WM+ Datasheet
286Kb / 11P
3A Low Dropout Linear Regulator
VER 1.2
More results

Similar Description - ACE18812B

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN8822 SYNC-POWER-SPN8822 Datasheet
241Kb / 8P
Common-Drain Dual N-Channel Enhancement Mode MOSFET
SPN8822A SYNC-POWER-SPN8822A Datasheet
226Kb / 9P
Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
ACE Technology Co., LTD...
ACE8212B ACE-ACE8212B Datasheet
838Kb / 9P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD
VER 1.2
ACE8810B ACE-ACE8810B Datasheet
668Kb / 6P
Common Drain N-Channel Enhancement Mode Field Effect Transistor with ESD Protection
VER 1.2
logo
Cystech Electonics Corp...
MTDN8233CDV8 CYSTEKEC-MTDN8233CDV8 Datasheet
365Kb / 9P
Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN8205W SYNC-POWER-SPN8205W Datasheet
265Kb / 7P
Common-Drain Dual N-Channel Enhancement Mode MOSFET
SPN8206 SYNC-POWER-SPN8206 Datasheet
368Kb / 8P
Common-Drain Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTA012A02CDV8 CYSTEKEC-MTA012A02CDV8 Datasheet
443Kb / 9P
Common Drain Dual N -Channel Enhancement Mode MOSFET
MTA012A02CDN6 CYSTEKEC-MTA012A02CDN6 Datasheet
490Kb / 9P
Common Drain Dual N -Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
VBC6N2006 VBSEMI-VBC6N2006 Datasheet
652Kb / 8P
Dual N-Channel MOSFET Common Drain, ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com