Electronic Components Datasheet Search
  English  ▼

X  

ACE51117C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE51117C
Description  800mA Bipolar Linear Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE51117C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE51117C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE51117C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE51117C Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE51117C
800mA Bipolar Linear Regulator
VER 1.1
1
Description
ACE51117C is a series of low dropout three-terminal regulators with a dropout of 1.3V at 800mA load
current. ACE51117C features a low standby current 2mA.
Other than a fixed version (Vout = 1.2V, 1.8V, 2.5V, 3.3V and 5V), ACE51117C has an adjustable version,
which can provide an output voltage from 1.25 to 5V with only two external resistors.
ACE51117C offers thermal shut down and current limit functions, to assure stability of chip and power
system. Trimming technique is used to guarantee output voltage accuracy within ±2%. Other output
voltage accuracy such as ±1% can be customized on demand.
ACE51117C is available in SOT89-3 power packages.
Features
Other than a fixed version and an adjustable version, output value can be customized on demand.
Maximum output current is 800mA
Range of operation input voltage: 12V
Standby current: 2mA (typ.)
Line regulation: 0.1%/V (typ.)
Load regulation: 10mV (typ.)
Environment Temperature: -40 OC ~85 OC
Compatible with tantalum capacitor, electrolytic capacitor and MLCC.
Application
Power Management for Computer Mother Board, Graphic Card
LCD Monitor and LCD TV
DVD Decode Board
ADSL Modem
Post Regulators for Switching Supplies
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
15V (1)
Max Operating Junction Temperature (Tj)
150 OC
Ambient Temperature (Ta)
-40 OC – 85 OC
Power Dissipation
SOT89-3
500mW
Storage Temperature (Ts)
-40 OC - 150 OC
Lead Temperature & Time
260 OC, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE51117C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511115AM+H ACE-ACE511115AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115BM+H ACE-ACE511115BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118AM+H ACE-ACE511118AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118BM+H ACE-ACE511118BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511125AM+H ACE-ACE511125AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
More results

Similar Description - ACE51117C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
800mA Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com