Electronic Components Datasheet Search
  English  ▼

X  

ACE72224Y Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE72224Y
Description  High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE72224Y Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE72224Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE72224Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE72224Y Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE72224Y
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
1
Description
The ACE72224Y is high-efficiency, high frequency synchronous step-down DC-DC regulator ICs
capable of delivering up to 2A output currents. The ACE72224Y family operate over a wide input voltage
range from 4.5V to 24V and integrate main switch and synchronous switch with very low RDS(ON) to
minimize the conduction loss.
ACE72224Y adopts the pure COT architecture to achieve fast transient responses for high step-down
applications. In addition. The ACE72224Y is stable with extremely low ESR, high capacitance.
ACE72224Y always operate in continuous conduction mode, which reduces the output ripple voltage in
light load compared to discontinuous conduction mode.
Features
Low RDS(ON) for internal switches (top/bottom) 120mΩ/75mΩ, 2.0A
4.5-24V input voltage range
High-Efficiency Synchronous-Mode
Internal soft start limits the inrush current
Over Current protection
Output short circuit protection with hiccup mode
Thermal shutdown
Green package:
TSOT23 -6 is pin compatible
Application
Portable Navigation Device
Set Top Box
Portable TV
LCD TV


Similar Part No. - ACE72224Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
More results

Similar Description - ACE72224Y

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com