Electronic Components Datasheet Search
  English  ▼

X  

ACE73100N Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE73100N
Description  High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE73100N Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE73100N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE73100N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE73100N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE73100N Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE73100N
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
2
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Input Voltage
-0.3V to 100V
BS-LX Voltage
-0.3V to 6V
EN, FS, FB, PG, LX Voltage
-0.3V to VIN + 0.3V
Power Dissipation, PD @ TA = 25°C
2.38W
Package Thermal Resistance (Note 2)
θJA
42°C /W
θJC
4°C /W
Junction Temperature Range
-40°C to 150°C
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temperature Range
-65°C to 150°C
Dynamic LX Voltage in 10 ns Duration
VIN + 3V to GND-5V
Recommended Operating Conditions (Note 3)
Parameter
Value
Supply Input Voltage
4.5V to 100V
Junction Temperature Range
-40°C to 125°C
Ambient Temperature Range
-40°C to 85°C
Note 1
: Stresses beyond “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2:
θ
JA is measured in the natural convection at TA = 25°C on demo board.
Note 3: The device is not guaranteed to function outside its operating conditions.
Ordering Information
ACE73100N XX + H
Halogen - free
IM: ESOP-8
Pb - free



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com