Electronic Components Datasheet Search
  English  ▼

X  

AV1815 Datasheet(PDF) 1 Page - Avic Technology

Part # AV1815
Description  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV1815 Datasheet(HTML) 1 Page - Avic Technology

  AV1815 Datasheet HTML 1Page - Avic Technology AV1815 Datasheet HTML 2Page - Avic Technology AV1815 Datasheet HTML 3Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
@vic
AV1815
TO-92 Plastic-Encapsulate Transistors
AV1815
TRANSISTOR( NPN )
FEATURES
Power dissipation
PCM :
0.4
W(Tamb=25℃)
Collector current
ICM
:
0.15
A
Collector-base voltage
V(BR)CBO : 60
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃ 
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0. 1 mA, IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 60
V ,
IE=0
0.1
μA
Collector cut-off current
ICEO
VCE= 50
V ,
IB=0
0.1
μA
Emitter cut-off current
IEBO
VEB=
5
V,
IC=0
0.1
μA
DC current gain
hFE(1)
VCE=
6
V,
IC= 2m A
70
700
Collector-emitter saturation voltage
VCE(sat)
IC= 100mA,
IB= 10
mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=
100
mA,
IB=
10m A
1
V
Transition frequency
fT
VCE= 10
V,
IC=
1mA
f=30MHz
80
MHz
CLASSIFICATION OF
hFE(1)
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
1 2 3
TO—92
1.EMITTER
2.COLLECTOR
3.BASE
Copyright @vic Electronics Corp.
1
Website http://www.avictek.com


Similar Part No. - AV1815

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1815LT1 AVICTEK-AV1815LT1 Datasheet
249Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - AV1815

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com