Electronic Components Datasheet Search
  English  ▼

X  

AV2003 Datasheet(PDF) 5 Page - Avic Technology

Part # AV2003
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2003 Datasheet(HTML) 5 Page - Avic Technology

  AV2003 Datasheet HTML 1Page - Avic Technology AV2003 Datasheet HTML 2Page - Avic Technology AV2003 Datasheet HTML 3Page - Avic Technology AV2003 Datasheet HTML 4Page - Avic Technology AV2003 Datasheet HTML 5Page - Avic Technology AV2003 Datasheet HTML 6Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
QW-R110-011,A
3
1
L1 , L2
3
1
2
4
6
V.C.
Vcc
12
PIN
L3
TEST CIRCUIT 1
15
14
13
12
11
10
9
16
2
3
4
5
6
7
8
1
FM/AM
SW
FM
OSC
AM
OSC
FM
DET
AM
RF
FM
RF
AM
IF
FM
IF
FM
MIX
AM
MIX
AGC
AM
DET
AM
RF
IN
FM
RF
OUT
AM/
FM
SW
FM
OSC
AM
OSC
DET
OUT
QUAD
GND2
GND1
FM
RF IN
FM
MIX
AM
MIX
AGC
Vcc
AM
IF IN
FM
IF IN
Vcc
AM
FM
2.2 k£[
0.022uF
L 1
L 2
L 3
AM
FM
+
-
22uF +
-
DET OUT
SFE10.7MA5L
SFE10.7MA5L
Vin
AM RF IN
Vin
BPF
Vin
FM RF IN
FM IF IN
270£[
SFU455C5
@vic AV2003
LINEAR INTEGRATED CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com