Electronic Components Datasheet Search
  English  ▼

X  

ADM2863E Datasheet(PDF) 13 Page - Analog Devices

Part # ADM2863E
Description  5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2863E Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM2863E Datasheet HTML 9Page - Analog Devices ADM2863E Datasheet HTML 10Page - Analog Devices ADM2863E Datasheet HTML 11Page - Analog Devices ADM2863E Datasheet HTML 12Page - Analog Devices ADM2863E Datasheet HTML 13Page - Analog Devices ADM2863E Datasheet HTML 14Page - Analog Devices ADM2863E Datasheet HTML 15Page - Analog Devices ADM2863E Datasheet HTML 16Page - Analog Devices ADM2863E Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADM2867E/ADM2865E/ADM2863E/ADM2861E
Rev. B | Page 13 of 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND1
GND1
VCC
VIO
GND1
GND1
GND1
VSEL
GNDISO
VISOOUT
GND2
VISOIN
GNDISO
RxD
RE
DE
NIC
GND1
INV
TxD
GND2
NIC
NIC
GND2
GND2
A
B
GNDISO
NIC = NOT INTERNALLY CONNECTED
ADM2861E/
ADM2865E
TOP VIEW
(Not to Scale)
Figure 11. ADM2861E/ADM2865E Pin Configuration
Table 13. Pin Function Description
Pin No.
Mnemonic
Description
1, 2, 3, 5, 6, 14
GND1
Ground 1, Logic Side.
4
VCC
3.0 V to 3.6 V, or 4.5 V to 5.5 V Logic Side Power Supply. It is recommended that a 10 µF and a 0.1 µF
decoupling capacitor be connected between VCC and GND1 (Pin 1, Pin 2, and Pin 3).
7
VIO
1.7 V to 5.5 V Logic Side Flexible I/O Supply. It is recommended that a 0.1 µF decoupling capacitor be
connected between VIO and GND1 (Pin 5 and Pin 6).
8
RxD
Receiver Output Data. When the INV pin is logic low, this output is high when (A − B) ≥ −30 mV and low
when (A − B) ≤ −200 mV. When the INV pin is high, this output is high when (A − B) ≤ 30 mV and low
when (A − B) ≥ 200 mV. This output is tristated when the receiver is disabled by driving the RE pin high.
9
RE
Receiver Enable Input. This pin is an active low input. Driving this input low enables the receiver, and
driving it high disables the receiver.
10
DE
Driver Output Enable. A high level on this pin enables the driver differential outputs, Y and Z. A low level
places these outputs in a high impedance state.
11
TxD
Transmit Data Input. Data to be transmitted by the driver is applied to this input. When the INV pin is
logic high, the data applied to this input is inverted.
12
INV
Inversion Enable. This pin is active high input. Driving this pin high inverts the TxD signal applied and
inverts the A and B receiver inputs.
13, 19, 20
NIC
Not Internally Connected. This pin is not internally connected.
15, 16, 21, 22
GND2
Isolated Ground 2 for the Integrated RS-485 Transceiver, Bus Side.
17
A
Noninverting Driver Output/Receiver Input.
18
B
Inverting Driver Output/Receiver Input.
23
VISOIN
Isolated Power Supply Input. This pin must be connected externally to VISOOUT (Pin 25) through one
BLM15HD182SN1 ferrite. It is recommended that a reservoir capacitor of 10 µF and a 0.1 µF decoupling
capacitor be connected between VISOIN (Pin 23) and GND2 (Pin 21).
24, 26
GNDISO
Isolated Power Supply Ground. These pins must be connected externally to Pin 28.
25
VISOOUT
Isolated Power Supply Output. This pin must be connected externally to VISOIN (Pin 23) through one
BLM15HD182SN1 ferrite. It is recommended that a decoupling capacitor of 0.1 µF be connected
between VISOOUT and GNDISO (Pin 28).
27
VSEL
Output Voltage Selection. When VSEL = VISO, the VISO set point is 5.0 V. When VSEL = GNDISO, the VISO set
point is 3.3 V.
28
GNDISO
Isolated Power Supply Ground. This pin must be connected externally to GND2 (Pin 22) through one
BLM15HD182SN1 ferrite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com