Electronic Components Datasheet Search
  English  ▼

X  

QPD1028L Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPD1028L
Description  750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1028L Datasheet(HTML) 4 Page - Qorvo, Inc

  QPD1028L Datasheet HTML 1Page - Qorvo, Inc QPD1028L Datasheet HTML 2Page - Qorvo, Inc QPD1028L Datasheet HTML 3Page - Qorvo, Inc QPD1028L Datasheet HTML 4Page - Qorvo, Inc QPD1028L Datasheet HTML 5Page - Qorvo, Inc QPD1028L Datasheet HTML 6Page - Qorvo, Inc QPD1028L Datasheet HTML 7Page - Qorvo, Inc QPD1028L Datasheet HTML 8Page - Qorvo, Inc QPD1028L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
QPD1028L
750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
Data Sheet Rev. C, Oct 2021 | Subject to change without notice
4 of 16
www.qorvo.com
®
Thermal and Reliability Information
– Pulsed 1
Parameter
Conditions
Values
Units
Thermal Resistance, IR1
(θJC)
85 °C Case backside Temperature
Pdiss = 350 W, Pulse: 300 us PW, 10% DC
0.21
°C/W
Peak IR Surface Temperature1 (Tch)
160
°C
Notes:
1.
Refer to the following document GaN Device Channel Temperature, Thermal Resistance, and Reliability Estimates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com