Electronic Components Datasheet Search
  English  ▼

X  

M65665 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M65665
Description  PICTURE-IN-PICTURE SIGNAL PROCESSING
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65665 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M65665 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65665 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
M65665SP/FP
MITSUBISHI DIGITAL TV ICs
SIGNAL PROCESSING
PIN DESCRIPTION
Pin No.
Name
I/O
Function
Remarks
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
SWM
SDATA
SCLK
DVdd1
DVss1
BGPS
SCK
BGPM
FSC
TEST5
OSD_SEL
SWMG
RESET
CSYNCS
AVss (ADC)
VRB
VRT
VIN (ADC)
CIN
AVdd (ADC)
AVdd (VCXO)
BIAS
FILTER
X'tal (NTSC)
X'tal (PAL-M)
X'tal (PAL-N)
AVss (VCXO)
HD
VD
TESTEN
VOUT
VZ
UOUT
OSDBIN
YOUT
AVdd (DAC)
AVss (sub)
I2C SDA input/output
I2C SCL input
Vdd f or digital part
Vss f or digital part
Test output
Test input
Test output
Test input
Test input
Output OSD select
Power on reset input
Sub picture external C-sy nc input
Vss f or internal ADC
Low lev el ref erence v oltage output of ADC
High lev el ref erence v oltage output of ADC
Sub picture V input of ADC
Sub picture C input of ADC
Vdd f or internal ADC
Vdd f or VCXO
VXCO bias v oltage connection
VCXO f ilter v oltage connection
X'tal of N TSC connection
X'tal of PAL-M connection
X'tal of PAL-N connection
Vss f or VCXO
Main picture HD input
MAIN picture VD input
Test input
Sub picture V or B output
Sub picture U or G output
Sub picture Y or R output
Vdd f or DAC
Vss f or DAC
OSD input of B
Voltage ref erence output of D AC
PIP switch output
connect to GND
connect to GND
connect to Vdd
CMOS output
CMOS I/O(5V)*1
CMOS output
CMOS input
CMOS output
CMOS input
CMOS input
CMOS input
CMOS input
CMOS input
CMOS input
Analog
CMOS input(5V)*1
CMOS input(5V)*1
CMOS input
Analog
Analog
Analog
Analog
Analog Vdd
Analog Vdd
Analog
Analog
Analog
Analog
Analog Vss
Analog
Analog
Analog
Analog
Analog
CMOS input(5V)*1
*1 ) (5V)means 5V I/F torelant
connect to GND
Digital Vdd
Digital Vss
Analog Vss
Analog Vdd
Analog Vss
Analog
connect to GND
UIN (ADC)
Sub picture U input of ADC
Analog
CVBSIN
Sub picture CVBS input of ADC
Analog
Y IN (ADC)
Sub picture Y input of ADC
Analog
Analog
OSDGIN
OSD input of G
OSDRIN
OSD input of R
MITSUBISHI
ELECTRIC
5
PICTURE-IN-PICTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com